PART |
Description |
Maker |
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
BD87A41FVM |
Voltage Detector with Watchdog Timer
|
Rohm
|
BD3004HFP06 BD3005HFP |
Regulators with Voltage Detector and Watchdog Timer
|
Rohm
|
BD3021HFP-M BD3021HFP-M10 |
Regulator with Voltage Detector and Watchdog Timer
|
Rohm
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
AAT3564 AAT3560 AAT3560IGY-2.20-T1 AAT3560IGY-2.50 |
NanoPower Voltage Detector NanoPower垄芒 Voltage Detector NanoPower⑩ Voltage Detector
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
XC6121D416ER-G XC6121F650ER-G XC6121E250ER-G XC612 |
Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
|
Torex Semiconductor
|
R3111Q091A R3111Q091A-T1 R3111Q091A-TR R3111Q091A- |
Low voltage detector. Detector threshold (-Vdet) 5.5V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: Nch open drain. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: Nch open drain. Standard taping specification TR LOW VOLTAGE DETECTOR R3111XXX1A/C SERIES Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 5.6V. Output type: CMOS. Standard taping specification TR
|
RICOH[RICOH electronics devices division]
|
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|
TB9000AFG |
Automobile CPU regulator, built-in watchdog timer 5 V Voltage Regulator with Watchdog Timer
|
Toshiba Semiconductor
|
ADM6821YART-RL ADM6821YART-RL7 ADM6821LART-RL ADM6 |
Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23 Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BD4930G/FVE BD4852G/FVE BD4853G/FVE BD4854G/FVE BD |
Voltage detectors > CMOS Voltage detector IC (CMOS output type) Voltage detectors > CMOS Voltage detector IC (Open Drain output type)
|
ROHM
|